Part Number Hot Search : 
9290X02 MAX81405 P328G EHS2Z1 MTZJ18 MAX815N EHS2Z1 MC20A
Product Description
Full Text Search
 

To Download SMAJ90CA-13-F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMAJ5.0(C)A - SMAJ170(C)A
400W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR Features
* * * * * *
400W Peak Pulse Power Dissipation Glass Passivated Die Construction Uni- and Bi-Directional Versions Available Excellent Clamping Capability Fast Response Time Lead Free Finish/RoHS Compliant (Note 4) Dim Min 2.29 4.00 1.27 0.15 4.80 0.10 0.76 2.01 Max 2.92 4.60 1.63 0.31 5.59 0.20 1.52 2.30
B
SMA
A
C
A B C
Mechanical Data
* * * * * * *
Case: SMA Case Material: Molded Plastic. UL Flammability Classification Rating 94V-0 Moisture Sensitivity: Level 1 per J-STD-020C Terminals: Lead Free Plating (Matte Tin Finish). Solderable per MIL-STD-202, Method 208 Polarity Indicator: Cathode Band (Note: Bi-directional devices have no polarity indicator.) Marking: Date Code and Marking Code See Page 4 Weight: 0.064 grams (approximate)
D
J
D E G H J
H
G E
All Dimensions in mm
Maximum Ratings
@ TA = 25C unless otherwise specified Symbol PPK IFSM PM(AV) @ IPP = 35A VF Tj TSTG Value 400 40 1.0 3.5 -55 to +150 -55 to +175 Unit W A W V C C
Characteristic Peak Pulse Power Dissipation (Non repetitive current pulse derated above TA = 25C) (Note 1) Peak Forward Surge Current, 8.3ms Single Half Sine Wave Superimposed on Rated Load (JEDEC Method) (Notes 1, 2, & 3) Steady State Power Dissipation @ TL = 75C Instantaneous Forward Voltage (Notes 1, 2, & 3) Operating Temperature Range Storage Temperature Range
Notes: 1. 2. 3. 4.
Valid provided that terminals are kept at ambient temperature. Measured with 8.3ms single half sine-wave. Duty cycle = 4 pulses per minute maximum. Unidirectional units only. RoHS revision 13.2.2003. Glass and High Temperature Solder Exemptions Applied, see EU Directive Annex Notes 5 and 7.
DS19005 Rev. 13 - 2
1 of 4 www.diodes.com
SMAJ5.0(C)A - SMAJ170(C)A
a Diodes Incorporated
Part Number Add C For Bi-Directional (Note 5) SMAJ5.0(C)A SMAJ6.0(C)A SMAJ6.5(C)A SMAJ7.0(C)A SMAJ7.5(C)A SMAJ8.0(C)A SMAJ8.5(C)A SMAJ9.0(C)A SMAJ10(C)A SMAJ11(C)A SMAJ12(C)A SMAJ13(C)A SMAJ14(C)A SMAJ15(C)A SMAJ16(C)A SMAJ17(C)A SMAJ18(C)A SMAJ20(C)A SMAJ22(C)A SMAJ24(C)A SMAJ26(C)A SMAJ28(C)A SMAJ30(C)A SMAJ33(C)A SMAJ36(C)A SMAJ40(C)A SMAJ43(C)A SMAJ45(C)A SMAJ48(C)A SMAJ51(C)A SMAJ54(C)A SMAJ58(C)A SMAJ60(C)A SMAJ64(C)A SMAJ70(C)A SMAJ75(C)A SMAJ78(C)A SMAJ85(C)A SMAJ90(C)A SMAJ100(C)A SMAJ110(C)A SMAJ120(C)A SMAJ130(C)A SMAJ150(C)A SMAJ160(C)A SMAJ170(C)A
Notes:
Reverse Standoff Voltage VRWM (V) 5.0 6.0 6.5 7.0 7.5 8.0 8.5 9.0 10 11 12 13 14 15 16 17 18 20 22 24 26 28 30 33 36 40 43 45 48 51 54 58 60 64 70 75 78 85 90 100 110 120 130 150 160 170
Breakdown Voltage VBR @ IT (Note 6) Min (V) 6.40 6.67 7.22 7.78 8.33 8.89 9.44 10.0 11.1 12.2 13.3 14.4 15.6 16.7 17.8 18.9 20.0 22.2 24.4 26.7 28.9 31.1 33.3 36.7 40.0 44.4 47.8 50.0 53.3 56.7 60.0 64.4 66.7 71.1 77.8 83.3 86.7 94.4 100 111 122 133 144 167 178 189 Max (V) 7.25 7.37 7.98 8.60 9.21 9.83 10.4 11.1 12.3 13.5 14.7 15.9 17.2 18.5 19.7 20.9 22.1 24.5 26.9 29.5 31.9 34.4 36.8 40.6 44.2 49.1 52.8 55.3 58.9 62.7 66.3 71.2 73.7 78.6 86.0 92.1 95.8 104 111 123 135 147 159 185 197 209
Test Current IT (mA) 10 10 10 10 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0
Max. Reverse Leakage @ VRWM (Note 7) IR (mA) 800 800 500 200 100 50 10 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0
Max. Clamping Voltage @ Ipp VC (V) 9.2 10.3 11.2 12.0 12.9 13.6 14.4 15.4 17.0 18.2 19.9 21.5 23.2 24.4 26.0 27.6 29.2 32.4 35.5 38.9 42.1 45.4 48.4 53.3 58.1 64.5 69.4 72.7 77.4 82.4 87.1 93.6 96.8 103 113 121 126 137 146 162 177 193 209 243 259 275
Max. Peak Pulse Current Ipp (A) 43.5 38.8 35.7 33.3 31.0 29.4 27.7 26.0 23.5 22.0 20.1 18.6 17.2 16.4 15.3 14.5 13.7 12.3 11.2 10.3 9.5 8.8 8.3 7.5 6.9 6.2 5.7 5.5 5.2 4.9 4.6 4.3 4.1 3.9 3.5 3.3 2.2 2.9 2.7 2.5 2.3 2.0 1.9 1.6 1.5 1.4
Marking Code BITE TG TK TM TP TR TT TV TX TZ UE UG UK UM UP UR UT UV UX UZ VE VG VK VM VP VR VT VV VX VZ WE WG WK WM WP WR WT WV WX WZ XE XG XK XM XP XR UNIHE HG HK HM HP HR HT HV HX HZ IE IG IK IM IP IR IT IV IX IZ JE JG JK JM JP JR JT JV JX JZ RE RG RK RM RP RR RT RV RX RZ SE SG SK SM SP SR
5. Suffix C denotes Bi-directional device. 6. VBR measured with IT current pulse = 300ms 7. For Bi-Directional devices having VRWM of 10V and under, the I R is doubled.
DS19005 Rev. 13 - 2
2 of 4 www.diodes.com
SMAJ5.0(C)A - SMAJ170(C)A
100
10000
Tj = 25 C
PEAK PULSE DERATING IN % OF PEAK POWER OR CURRENT
75
CT, JUNCTION CAPACITANCE (pF)
Unidirectional
1000
50
Bidirectional
100
25
10 X 1000 Waveform as defined by REA
0 0 25 50 75 100 125 150 175 200 TA, AMBIENT TEMPERATURE ( C) Fig. 1 Pulse Derating Curve
100
10 1 10 100 1000 VWM, STANDOFF VOLTAGE (V) Fig. 2 Typical Total Capacitance
IP, PEAK PULSE CURRENT (%Ipp)
Pd, PEAK PULSE POWER (kW)
Tj = 25 C
Non Repetitive Pulse Waveform Shown in Fig. 4
100
Peak Value Ipp
10
Half Value Ipp/2
50
1.0
tp
0.1 0.1 1.0 10 100 1000 10000
0
10 X 1000 Waveform as defined by R.E.A.
0
1
2
3
t, TIME (ms) Fig. 4 Pulse Waveform
PM(AV), STEADY STATE POWER DISSIPATION (W)
60
1.0
PEAK FORWARD SURGE CURRENT, (A)
50
Pulse Width 8.3ms Single Half-Sine-Wave (JEDEC METHOD)
0.8
40
0.6
30
0.4
20
0.2
60Hz Resistive or Inductive Load
10
0 1 2 5 10 20 50 100 NUMBER OF CYCLES AT 60Hz Fig. 5 Maximum Non-Repetitive Surge Current
0.0 0 25 50 75 100 125 150 175 200 TL, LEAD TEMPERATURE ( C) Fig. 6 Steady State Power Derating Curve
DS19005 Rev. 13 - 2
3 of 4 www.diodes.com
SMAJ5.0(C)A - SMAJ170(C)A
Ordering Information
Device
(Note 8) Packaging SMA Shipping 5000/Tape & Reel
SMAJXXX(C)A-13-F
Notes:
8. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
*x = Device Voltage, e.g., SMCJ170A-13-F. Example: SMAJ170A-13-F.
Marking Information
YWW XX
XX = Product type marking code (See Page 2) = Manufacturers' code marking YWW = Date code marking Y = Last digit of year ex: 2 for 2002 WW = Week code 01 to 52
IMPORTANT NOTICE Diodes, Inc. and its subsidiaries reserve the right to make changes without further notice to any product herein to make corrections, modifications, enhancements, improvements, or other changes. Diodes, Inc. does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall assume all risks of such use and will agree to hold Diodes Incorporated and all the companies whose products are represented on our website, harmless against all damages. LIFE SUPPORT The products located on our website at www.diodes.com are not recommended for use in life support systems where a failure or malfunction of the component may directly threaten life or cause injury without the express written approval of Diodes Incorporated.
DS19005 Rev. 13 - 2
4 of 4 www.diodes.com
SMAJ5.0(C)A - SMAJ170(C)A


▲Up To Search▲   

 
Price & Availability of SMAJ90CA-13-F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X